Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download BAV99U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bav 99u oct-08-1999 1 silicon switching diode array  for high-speed switching applications  connected in series  internal (galvanic) isolated diodes in one package vpw09197 1 2 3 4 5 6 eha07287 6 54 3 2 1 c1/a2 c2 a1 c1/a2 c2 a1 di1 di2 type marking pin configuration package bav 99u a7s 1=a1 2=c2 3=c1/a2 4=a1 5=c2 6=c1/a2 sc-74 maximum ratings parameter symbol value unit diode reverse voltage v r 70 v peak reverse voltage v rm 70 forward current i f 200 ma surge forward current, t = 1  s i fs 4.5 a total power dissipation , t s = 113 c p tot 250 mw junction temperature t j 150 c storage temperature t st g -65 ... 150 thermal resistance junction - ambient 1) r thja  420 k/w junction - soldering point r thjs  150 k/w 1) package mounted on epoxy pcb 40mm x 40mm x 1.5mm / 0.5cm 2 cu
bav 99u oct-08-1999 2 electrical characteristics at t a = 25c, unless otherwise specified. parameter symbol values unit min. typ. max. dc characteristics breakdown voltage i (br) = 100 a v (br) 70 - - v forward voltage i f = 1 ma i f = 10 ma i f = 50 ma i f = 150 ma v f - - - - - - - - 715 855 1000 1250 mv reverse current v r = 70 v i r - - 2.5 a reverse current v r = 25 v, t a = 150 c v r = 70 v, t a = 150 c i r - - - - 30 50 ac characteristics diode capacitance v r = 0 v, f = 1 mhz c d - - 1.5 pf reverse recovery time i f = 10 ma, i r = 10 ma, r l = 100  , measured at i r = 1ma t rr - - 6 ns test circuit for reverse recovery time ehn00019 f d.u.t. oscillograph pulse generator: t p = 100ns, d = 0.05, t r = 0.6ns, r i = 50  oscillograph: r = 50  , t r = 0.35ns, c  1pf
bav 99u oct-08-1999 3 forward current i f = f ( v f ) t a = 25c ehb00076 bav 99 f 150 ma 100 50 0 v f 1.5 v 1.0 0.5 0 typ max forward current i f = f ( t a *; t s ) * package mounted on epoxy 0 20 40 60 80 100 120 c 150 t a ,t s 0 50 100 150 ma 250 i f t s t a permissible pulse load r thjs = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 3 10 k/w r thjs d=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0 permissible pulse load i fmax / i fdc = f ( t p ) 10 -6 10 -5 10 -4 10 -3 10 -2 10 0 s t p 0 10 1 10 2 10 i fmax / i fdc d=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
bav 99u oct-08-1999 4 forward voltage v f = f ( t a ) 0 0.5 1.0 0 50 100 150 bav 99 ehb00078 v t a v f c f = 100 ma 10 ma 1 ma 0.1 ma reverse current i r = f ( t a ) 10 10 10 0 50 100 150 bav 99 ehb00075 na t a r c 10 10 5 4 3 2 1 5 5 5 25 v 70v max. = 70 v r v typ.


▲Up To Search▲   

 
Price & Availability of BAV99U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X